Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B32682 Fiches technique(PDF) 24 Page - EPCOS

No de pièce B32682
Description  Film Capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32682 Fiches technique(HTML) 24 Page - EPCOS

Back Button B32682 Datasheet HTML 20Page - EPCOS B32682 Datasheet HTML 21Page - EPCOS B32682 Datasheet HTML 22Page - EPCOS B32682 Datasheet HTML 23Page - EPCOS B32682 Datasheet HTML 24Page - EPCOS B32682 Datasheet HTML 25Page - EPCOS B32682 Datasheet HTML 26Page - EPCOS B32682 Datasheet HTML 27Page - EPCOS B32682 Datasheet HTML 28Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
The overheating associated with some of these factors can usually be reduced by suitable coun-
termeasures. For example, if a pre-heating step cannot be avoided, an additional or reinforced
cooling process may possibly have to be included.
Recommendations
As a reference, the recommended wave soldering profile for our film capacitors is as follows:
B32682 ... B32686
Very high pulse (wound)
Page 24 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32