| Moteur de recherche de fiches techniques de composants électroniques |
|
SC0370 Fiches technique(PDF) 4 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
SC0370 Fiches technique(HTML) 4 Page - Raspberry Pi Holdings PLC |
|
4 / 6 page ![]() 4 Raspberry Pi DigiAMP+ – Raspberry Pi Ltd Physical specification WARNINGS • This product should only be connected to a Raspberry Pi via the GPIO header. • Any external power supply used with this product should comply with relevant regulations and standards applicable in the country of intended use. • This product should be operated in a well-ventilated environment. If used inside a case, the case should not be covered. • Whilst in use, this product should be placed on a stable, flat, non-conductive surface, and should not be contacted by conductive items. • The connection of incompatible devices to the Raspberry Pi DigiAMP+ may affect compliance, result in damage to the unit, and invalidate the warranty. • The connection of incompatible devices to the GPIO connection of a Raspberry Pi computer may affect compliance and result in damage to the unit and invalidate the warranty. • All peripherals used with this product should comply with relevant standards for the country of use, and should be marked accordingly to ensure that safety and performance requirements are met. • The cables and connectors of all peripherals used with this product must have adequate insulation so that relevant safety requirements are met. • Operation of this device requires adult supervision. SAFETY INSTRUCTIONS To avoid malfunction or damage to this product, please observe the following: • Do not expose the product to water or moisture, or place it on a conductive surface while it is in operation. • Do not expose the product to heat from any source; Raspberry Pi computers and the Raspberry Pi DigiAMP+ are designed for reliable operation at normal ambient temperatures. • Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors. • In order to minimise the risk of electrostatic discharge damage, avoid handling the Raspberry Pi DigiAMP+ while it is powered. If it is necessary to do so, handle it only by the corners. 49.5 65 30.2 13.8 32.2 22 13.5 22 57 3.5 58 Note: all dimensions in mm 4 x M2.5 Holes in corners |