| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1975 Fiches technique(PDF) 6 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
SC1975 Fiches technique(HTML) 6 Page - Raspberry Pi Holdings PLC |
|
6 / 8 page ![]() Raspberry Pi Touch Display 2 Safety warnings To avoid malfunction or damage to this product, please observe the following: • Before connecting the device, shut down your Raspberry Pi computer and disconnect it from external power. • If the cable becomes detached, pull forward the locking mechanism on the connector, insert the ribbon cable with the metal contacts facing towards you, then push the locking mechanism back into place. • This device should be operated in a dry environment at −20 to +70°C. • Do not expose it to water or moisture, or place on a conductive surface whilst in operation. • Do not expose it to excessive heat from any source. • Care should be taken not to fold or strain the ribbon cable. • Care should be taken when screwing in parts. A cross-thread can cause irreparable damage and void the warranty. • Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors. • Store in a cool, dry location. • Avoid rapid changes of temperature, which can cause moisture to build up in the device. • The display surface is fragile and has the potential to shatter. Safety warnings 5 |