| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1235 Fiches technique(PDF) 3 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
SC1235 Fiches technique(HTML) 3 Page - Raspberry Pi Holdings PLC |
|
3 / 8 page ![]() 3 Raspberry Pi 500 – Raspberry Pi Ltd Specification Processor: 2.4GHz quad-core 64-bit Arm Cortex-A76 CPU, with cryptography extensions, 512KB per-core L2 caches and a 2MB shared L3 cache Memory: 8GB LPDDR4X-4267 SDRAM Connectivity: Dual-band (2.4GHz and 5.0GHz) IEEE 802.11b/g/n/ac Wi-Fi® Bluetooth 5.0, BLE Gigabit Ethernet 2 × USB 3.0 ports and 1 × USB 2.0 port GPIO: Horizontal 40-pin GPIO header Video & sound: 2 × micro HDMI ports (supports up to 4Kp60) Multimedia: H.265 (4Kp60 decode); OpenGL ES 3.0 graphics SD card support: microSD card slot for operating system and data storage Keyboard: 78-, 79- or 83-key compact keyboard (depending on regional variant) Power: 5V DC via USB connector Operating temperature: 0°C to +50°C Dimensions: 286 mm × 122 mm × 23 mm (maximum) Production lifetime: Raspberry Pi 500 will remain in production until at least January 2034 Compliance: For a full list of local and regional product approvals, please visit pip.raspberrypi.com List price: See table below microSD card slot 2 × micro HDMI USB 2.0 2 × USB 3.0 GPIO header Gigabit Ethernet USB-C power |