Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1233 Fiches technique(PDF) 6 Page - Raspberry Pi Holdings PLC

No de pièce SC1233
Description  Raspberry Pi 500
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Site Internet  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1233 Fiches technique(HTML) 6 Page - Raspberry Pi Holdings PLC

  SC1233 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1233 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1233 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1233 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1233 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1233 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1233 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC1233 Datasheet HTML 8Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Raspberry Pi 500 – Raspberry Pi Ltd
WARNINGS
•
Any external power supply used with Raspberry Pi 500 shall comply with relevant regulations and standards applicable
in the country of intended use.
•
This product should be operated in a well-ventilated environment and should not be covered when being operated.
•
The connection of incompatible devices to Raspberry Pi 500 may affect compliance, result in damage to the unit, and
invalidate the warranty.
•
There are no user-serviceable parts inside Raspberry Pi 500, and opening the unit is likely to damage the product and
invalidate the warranty.
•
All peripherals used with this product should comply with relevant standards for the country of use and be marked
accordingly to ensure that safety and performance requirements are met. These articles include, but are not limited
to, mice, monitors and cables when used in conjunction with Raspberry Pi 500.
•
The cables and connectors of all peripherals used with this product must have adequate insulation so that relevant
safety requirements are met.
•
Prolonged exposure to direct sunlight may cause discoloration.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Do not expose to water or moisture whilst in operation.
•
Do not expose to heat from any source; Raspberry Pi 500 is designed for reliable operation at normal ambient
temperatures.
•
Take care whilst handling to avoid mechanical or electrical damage to the computer.



Html Pages

1 2 3 4 5 6 7 8