| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1174 Fiches technique(PDF) 2 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
SC1174 Fiches technique(HTML) 2 Page - Raspberry Pi Holdings PLC |
|
2 / 6 page ![]() 2 Raspberry Pi AI Camera – Raspberry Pi Ltd Overview The Raspberry Pi AI Camera is a compact camera module from Raspberry Pi, based on the Sony IMX500 Intelligent Vision Sensor. IMX500 combines a 12-megapixel CMOS image sensor with on-board inferencing acceleration for a variety of common neural network models, enabling users to develop sophisticated vision-based AI applications without the need for a separate accelerator. The AI Camera transparently augments captured still images or video with tensor metadata, leaving the processor in the host Raspberry Pi free to perform other operations. Support for tensor metadata in the libcamera and Picamera2 libraries, and in the rpicam-apps application suite, make it easy for beginners to use, while offering advanced users unparallelled power and flexibility. The Raspberry Pi AI Camera is compatible with all Raspberry Pi computers. The PCB outline and mounting hole locations are identical to those of Raspberry Pi Camera Module 3, while the overall depth is greater to accommodate the larger IMX500 sensor and optical subassembly. |