| Moteur de recherche de fiches techniques de composants électroniques |
|
SERC816TR Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SERC816TR Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 23 page ![]() SERCON816 18/23 4.2.3 End Marker The end marker comprises two 16-bit words: 4.2.4 Service Containers A service container contains 5 control words and a buffer (BUFLEN words, max. length 255) Figure 13. Structure of Service Container Index Bit Name Function 0 0-13 (Not used) 14 1 Marker bit for the end marker. 15 1 Marker bit for the end marker. 1 0-15 TEND Time after end of MST at which the last telegram has ended (in µs). control word 0 control word 1 control word 2 control word 3 control word 4 write and read buffer 0 1 2 3 4 5 5+ BUFLEN |