| Moteur de recherche de fiches techniques de composants électroniques |
|
653 Fiches technique(PDF) 9 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
653 Fiches technique(HTML) 9 Page - Nexperia B.V. All rights reserved |
|
9 / 17 page ![]() © Nexperia B.V. 2017. All rights reserved 74HC237 All information provided in this document is subject to legal disclaimers. . Product data sheet Rev. 7 — 29 January 2016 9 of 17 Nexperia 74HC237 3-to-8 line decoder, demultiplexer with address latches Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load. Fig 8. Propagation enable inputs (E1) to output (Yn) and output transition time Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load. Fig 9. The data input (An) to latch enable input (LE) set-up times, latch enable input (LE) to data input (An) hold times and latch enable input (LE) pulse width Table 8. Measurement points Type Input Output VM VM 74HC237 0.5VCC 0.5VCC |