| Moteur de recherche de fiches techniques de composants électroniques |
|
SERC816 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SERC816 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 23 page ![]() 1/23 SERCON816 January 2003 s Single-chip controller for SERCOS interface s Real time communication for industrial control systems s 8/16-bit bus interface, Intel and Motorola control signals s Dual port RAM with 2048 word *16-bit s Data communications via optical fiber rings, RS 485 rings and RS 485 busses s Maximum transmission rate of 16 Mbaud with internal clock recovery s Internal repeater for ring connections s Full duplex operation s Modulation of power of optical transmitter diode s Automatic transmission of synchronous and data telegrams in the communication cycle s Flexible RAM configuration, communication data stored in RAM (single or double buffer) or transfer via DMA s Synchronization by external signal s Timing control signals s Automatic service channel transmission s Watchdog to monitor software and external synchronization signals s Compatible mode to SERCON410B SERCOS interface controller s 100-pin plastic flat-pack casing Figure 1. SERCON816 Block Diagram bus interfac e telegram- proc essing timing- control cloc k reset watc h- dog inter- rupt serial interfac e DMA ADMUX BUSMODE[1:0] BUSWIDTH BYTEDIR SBAUD SBAUD16 TM0/1 L_ERRN RECACTN IDLE INT0/1 CYC_CLK CON_CLK DIV_CLK SCLK SCLKO2/4 WDOGN MCLK RSTN DMAREQR/T DMAACKNR/T RxC RxD TxC TxD[6:1] WRN D[15:0] A[15:0] BUSYN RDN ALEL ALEH BHEN MCSN0/1 PCSN0 PCS1 optic a l transm itter/ rec eiver or RS-485 bus drive PQFP100 ORDERING NUMBERS: SERC816 SERC816/TR SERCOS INTERFACE CONTROLLER |
Numéro de pièce similaire - SERC816 |
|
Description similaire - SERC816 |