| Moteur de recherche de fiches techniques de composants électroniques |
|
M2ACAAAJK Fiches technique(PDF) 4 Page - Saia-Burgess |
|
|
|||||||||||||||||||||||||||||
M2ACAAAJK Fiches technique(HTML) 4 Page - Saia-Burgess |
|
4 / 4 page ![]() Ordering References E-Series M-Series Burgess A A Key code – see page 4 E-Series A M-Series B, M "@-X@-Y@-Z@-<@-[@-]@-_@-7@-` Key trapping – see page 4 A, C, Q K@-X@-Y@-Z@-<@-[@-]@-_@-7@-V@-`@-J Switching function – see page 4 A, E, J "@-X@-<@-[@-c@-_@-7@-V@-`@-J@-W Suffix (options) _-C->#++#8,4-35-9,H.*9,4-/.$3,9-#>-;,51 %,9-+#';-*>-4*>>,9,/(->9#$-(?,-G-;,51 1.%%+*,4-&1-1(&/4&94 Body style – see page 2 A, E* Xd dV=),9*,1-#/+5 Body colour A V&((-3+&'; Terminals A DNED$$-F-2N2E$$-0#+4=%+&(,4 Switch range Static discharge resistance E1 2E;S M1 \;S M2 DT;S M3 GE;S M4 GR;S R |