Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SERCON816 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce SERCON816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON816 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button SERCON816 Datasheet HTML 14Page - STMicroelectronics SERCON816 Datasheet HTML 15Page - STMicroelectronics SERCON816 Datasheet HTML 16Page - STMicroelectronics SERCON816 Datasheet HTML 17Page - STMicroelectronics SERCON816 Datasheet HTML 18Page - STMicroelectronics SERCON816 Datasheet HTML 19Page - STMicroelectronics SERCON816 Datasheet HTML 20Page - STMicroelectronics SERCON816 Datasheet HTML 21Page - STMicroelectronics SERCON816 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
SERCON816
18/23
4.2.3 End Marker
The end marker comprises two 16-bit words:
4.2.4 Service Containers
A service container contains 5 control words and a buffer (BUFLEN words, max. length 255)
Figure 13. Structure of Service Container
Index
Bit
Name
Function
0
0-13
(Not used)
14
1
Marker bit for the end marker.
15
1
Marker bit for the end marker.
1
0-15
TEND
Time after end of MST at which the last telegram has ended (in
µs).
control word 0
control word 1
control word 2
control word 3
control word 4
write and
read buffer
0
1
2
3
4
5
5+ BUFLEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23