Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-2GO Fiches technique(PDF) 2 Page - PANDUIT CORP.

No de pièce EMPLUS-2GO
Description  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-2GO Fiches technique(HTML) 2 Page - PANDUIT CORP.

  EMPLUS-2GO Datasheet HTML 1Page - PANDUIT CORP. EMPLUS-2GO Datasheet HTML 2Page - PANDUIT CORP. EMPLUS-2GO Datasheet HTML 3Page - PANDUIT CORP. EMPLUS-2GO Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-2GO Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-2GO Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-2GO Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-2GO Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-2GO Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
www.panduit.com
Using this Guide
Applications
This section includes product recommendations for typical applications;
always verify product suitability based on specific requirements and key
selection criteria.
Key Selection Criteria
Utilize material and attribute charts to help select the Panduit products
required to deliver superior performance in specific applications Select the
appropriate printers and tools to reduce time required and to take advantage
of our lowest installed cost solutions Consider Panduit permanent identifica-
tion solutions to help provide legibility in harsh environments; the complete
solution includes marker plates, tags, and ties and is available for use with
on-site custom marking tools or through our factory custom marking service
Selection Guides
Organized by part number, use each chart to assist with your product selection
Identification Systems
Reliable material/adhesive systems:
Appropriate for specific applications and environments at lowest installed cost
Less waste:
Panduit printers are designed to lower label material waste by as much as 65%
Ease of use to minimize printing time:
With Panduit identification solutions, the time required for labeling can be
reduced by up to 75%
Minimized installation time:
Delivers pre-cut labels, partial cut labels and ease of wire insertion
to speed installation time
INTRODUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17