Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD8250 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce SD8250
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD8250 Fiches technique(HTML) 2 Page - STMicroelectronics

  SD8250 Datasheet HTML 1Page - STMicroelectronics SD8250 Datasheet HTML 2Page - STMicroelectronics SD8250 Datasheet HTML 3Page - STMicroelectronics SD8250 Datasheet HTML 4Page - STMicroelectronics SD8250 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Uni t
Mi n.
Typ.
Max.
POUT
f
= 960 — 1215 MHz PIN = 40 W
VCC
= 50 V
250
295
W
ηcf = 960 — 1215 MHz P
IN
= 40 W
VCC
= 50 V
38
44
%
PG
f
= 960 — 1215 MHz PIN = 40 W
VCC
= 50 V
8.0
8.7
dB
N ote:
Pul se Widt h
= 20µSec
Duty Cycle
= 5%
TC
= 25°C
STATIC
Symbol
Test Condi tions
Valu e
Unit
Mi n.
Typ.
Max.
BVCBO
IC
= 35mA
IE
= 0mA
65
V
BVEBO
IE
= 15mA
IC
= 0mA
4.0
V
BVCES
IC
= 25mA
IB
= 0mA
60
V
ICES
VBE
= 0V
VCE
= 50V
20
mA
hFE
VCE
= 5V
IC
= 1A
10
DYNAMIC
TYPICAL PERFORMANCE
50
100
150
200
250
300
350
400
30
40
50
60
70
80
90
100
960
1090
TYPICAL BROADBAND
POWER AMPLIFIER
P
O
W
E
R
O
U
T
P
U
T
W
A
T
T
S
FREQUENCY (MHz)
C
O
L
L
E
C
T
O
R
E
F
F
.
%
FREQUENCY (MHz)
1215
TYPICAL BROADBAND POWER
AMPLIFIER
PIN
= 40W
PIN
= 32W
PIN
= 25W
POUT
PIN
= 40W
PIN
= 32W
PIN
= 25W
η
C
1.1
3.1
5.1
960
1090
I
N
P
U
T
V
S
W
R
FREQUENCY (MHz)
FREQUENCY (MHz)
1215
INPUT VSWR vs FREQUENCY
.
.
I
N
P
U
T
V
S
W
R
SD8250
2/5



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com