Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC2LG6 Fiches technique(PDF) 2 Page - PANDUIT CORP.

No de pièce HC2LG6
Description  Type H — Hinged Cover Wiring Duct
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

HC2LG6 Fiches technique(HTML) 2 Page - PANDUIT CORP.

  HC2LG6 Datasheet HTML 1Page - PANDUIT CORP. HC2LG6 Datasheet HTML 2Page - PANDUIT CORP. HC2LG6 Datasheet HTML 3Page - PANDUIT CORP. HC2LG6 Datasheet HTML 4Page - PANDUIT CORP. HC2LG6 Datasheet HTML 5Page - PANDUIT CORP. HC2LG6 Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Environment/Material Specifications
C1
For service and technical support, call 800-777-3300 (outside the U.S. and Canada, see back cover).
Overview
Control
Panel
Special
Environment
Voice &
Data
Tools &
Accessories
Technical
Info
Index
PANDUIT ® offers a selection of special materials in PANDUCT ® Wiring Duct for
routing and concealing wiring in special use environments. Special use environments
include applications such as transportation, oil and gas platforms, nuclear power plants
and semiconductor and electronics manufacturing.
Specialty materials will not release toxic or
corrosive gases that could endanger public safety or
damage sensitive electronics, and exhibits excellent
flame retardance
Flush cover design to maximize capacity over the
channel footprint and provide a neater appearance
Integrated non-skid liner insures the duct cover will
not slide once installed or during vibration
Smooth corners and edges will not abrade cabling or
irritate hands
UL Recognized as meeting the requirements of
UL Standard 1565 for Positioning Devices
CE compliant for panels that are to be exported
to Europe
Some of the features and benefits found in
PANDUCT ®
Wiring Duct types for special environments include:
W
Wiir
riin
ng
g D
Du
uc
ct
t ffo
or
r S
Sp
pe
ec
ciia
all E
En
nv
viir
ro
on
nm
me
en
nt
ts
s



Html Pages

1 2 3 4 5 6