Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFPL4SY Fiches technique(PDF) 1 Page - PANDUIT CORP.

No de pièce CFPL4SY
Description  Executive Series Faceplates
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPL4SY Fiches technique(HTML) 1 Page - PANDUIT CORP.

  CFPL4SY Datasheet HTML 1Page - PANDUIT CORP. CFPL4SY Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini-Com® Stainless Steel Faceplates
SPECIFICA TION SHEET
Mini-Com® Stainless Steel Faceplates are
ideal for use in hospitals, laboratories,
schools, and office environments. The
faceplates are compatible with most
standard single and double gang electrical
boxes, wall board adapters, and raceway
mounting brackets. These durable stainless
steel faceplates are available with or without
labels. Printable labels are available for
compliance to the ANSI/TIA-606B labeling
standard.
specifications
Stainless steel faceplates with labels shall be available
in 2, 4, and 6-port single gang and various double gang
configurations. Each faceplate shall accept copper,
fiber, and AV modules that snap in and out without the
use of tools. Faceplates shall have flush profile, and
optional built in label pocket for easy identification.
Stainless steel material shall be attached to a high
impact ABS backing to provide a durable faceplate
with brushed stainless steel finish.
technical information
Material:
304 grade stainless steel with satin finish is mounted on ABS
backing and is suitable for hospital and laboratory environments;
easy to clean
Mounting options:
Screw holes spaced for single and double gang openings;
compatible with Panduit wall board adapters
Packaging:
Supplied with two or four 1" long, #6-32 slotted head screws;
faceplates packaged one per bag, ten per box; labeled faceplates
include label kit
key features and benefits
Durable
Impact resistant material supports installations in high traffic
Modular
Accepts all Mini-Com® Modules which snap in and out for easy
moves, adds, and changes
Various port densities
Provides design flexibility
Flush mounting
Provides superior aesthetics
Label version available Can be clearly identified with optional labels for port identification
Sloped recessed
Allows proper bend radius
applications
www.panduit.com
Single Gang Sloped Recessed
Faceplates with Labels
2-port:
CFPSL2S
4-port:
CFPSL4S
Single Gang Faceplates with Labels*
2-port:
CFPL2SY
4-port:
CFPL4SY
6-port:
CFPL6SY
Single Gang Faceplates without Labels*
2-port:
CFP2SY
4-port:
CFP4SY
6-port:
CFP6SY
Double Gang Faceplates
4-port with label:
CFPL4S-2GY
4-port without label:
CFP4S-2GY
6-port with label:
CFPL6S-2GY
Wall Board Adapters
Single gang:
MWBA1
See table for labeling options.
*Four and six-port, single gang faceplates
must be installed on a 1.9" wide (or wider)
electrical back box.


Numéro de pièce similaire - CFPL4SY

FabricantNo de pièceFiches techniqueDescription
logo
PANDUIT CORP.
CFPL4IWY PANDUIT-CFPL4IWY Datasheet
394Kb / 3P
Classic Series Faceplates
9/2020
CFPL4IWY PANDUIT-CFPL4IWY Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
More results

Description similaire - CFPL4SY

FabricantNo de pièceFiches techniqueDescription
logo
Extech Instruments Corp...
44539 EXTECH-44539 Datasheet
73Kb / 1P
Executive Desktop Clock
logo
SL Power Electronics
GPMP600 SLPOWER-GPMP600 Datasheet
3Mb / 12P
ENVIRONMENTAL REPORT: EXECUTIVE SUMMARY
logo
List of Unclassifed Man...
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102248 ETC2-AX102248 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102251 ETC2-AX102251 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port w/ID Windows Single-Gang
AX102256 ETC2-AX102256 Datasheet
104Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 12-Port w/ID Windows Double-Gang
logo
PANDUIT CORP.
CFPE1IWY PANDUIT-CFPE1IWY Datasheet
1Mb / 1P
Mini-Com짰 Executive Series Faceplates
CFPE6XXY PANDUIT-CFPE6XXY Datasheet
79Kb / 1P
MINI-COM 6 POSITION EXECUTIVE SERIES FACEPLATE
CFP1IW PANDUIT-CFP1IW Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
CFPE4XXY PANDUIT-CFPE4XXY Datasheet
80Kb / 1P
MINI-COM 4 POSITION EXECUTIVE SERIES VERTICAL FACEPLATE
4-26-06
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com