| Moteur de recherche de fiches techniques de composants électroniques |
|
C01250628 Fiches technique(PDF) 9 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C01250628 Fiches technique(HTML) 9 Page - Norgren Ltd |
|
9 / 17 page ![]() 02/04 PNEUFIT® C & PNEUFIT® M Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. N/UK 9.1.001.09 C G 1 B C0A51 Banjo Ø A B C C1 E G G1 Ø K Typ 4 M5 25,0 18,0 10,0 3,5 16,5 9,5 8 C0A510405 4 G1/8 30,5 25,0 14,5 11,0 16,5 9,5 8 C0A510418 4 G1/4 34,5 29,0 16,5 10,0 16,5 9,5 15 C0A510428 6 M5 18,0 28,0 11,0 3,5 17,5 12,0 8 C0A510605 6 G1/8 31,0 25,0 14,5 8,0 17,5 12,0 11 C0A510618 6 G1/4 35,0 29,0 16,5 10,0 17,5 12,0 15 C0A510628 6 G3/8 38,5 32,5 20,5 11,0 17,5 12,0 19 C0A510638 8 G1/8 33,0 25,0 13,5 8,0 18,5 14,0 11 C0A510818 8 G1/4 37,0 29,0 16,0 10,0 18,5 14,0 15 C0A510828 8 G3/8 40,0 32,5 20,5 11,0 18,5 14,0 19 C0A510838 8 G1/2 46,0 39,5 23,0 14,0 18,5 14,0 24 C0A510848 10 G1/4 39,0 29,0 15,5 10,0 19,5 16,5 15 C0A511028 10 G3/8 42,0 32,5 19,5 11,0 19,5 16,5 19 C0A511038 10 G1/2 47,5 39,5 23,0 14,0 19,5 16,5 24 C0A511048 12 G3/8 46,0 32,5 18,5 11,0 22,0 19,0 19 C0A511238 12 G1/2 50,0 39,5 21,5 14,0 22,0 19,0 24 C0A511248 Ø A B/B1 C C1 E G G1 G2 Ø K Typ C B 1 B G 1 C0D51 C0E51 C0F51 C0G51 Banjo with Top Port 4 M5 25,0 20,0 10,0 3,5 16,5 6,0 9,5 8 C0D510405 4 R1/8 30,5 30,0 14,5 9,0 16,5 8,0 9,5 17 C0E510418 4 R1/4 34,5 35,5 18,0 11,0 16,5 10,0 9,5 17 C0F510428 6 M5 28,0 20,0 11,0 3,5 17,5 6,0 12,0 8 C0D510605 6 R1/8 31,0 30,0 14,5 9,0 17,5 8,0 12,0 14 C0E510618 6 R1/4 35,0 35,5 18,0 11,0 17,5 10,0 12,0 17 C0F510628 6 R3/8 38,5 41,0 21,0 12,0 17,5 11,0 12,0 21 C0G510638 8 R1/8 33,0 30,0 15,5 9,0 18,5 8,0 14,0 14 C0E510818 8 R1/4 38,0 35,5 19,0 11,0 18,5 10,0 14,0 17 C0F510828 8 R3/8 40,0 41,0 21,0 12,0 18,5 11,0 14,0 21 C0G510838 10 R1/4 39,0 35,5 20,0 11,0 19,5 10,0 16,5 17 C0F511028 10 R3/8 42,0 41,0 22,5 12,0 19,5 11,0 16,5 21 C0G511038 12 R3/8 46,0 41,0 23,0 12,0 22,0 11,0 19,0 21 C0G511238 Ø A B C C1 E G G1 Ø K Typ min. max. C G 1 1 2 B C0TA0 Banjo Flow Control (out) 4 R1/8 30,5 35,0 40,0 14,5 8,0 16,5 9,5 11 C0TAO0418 4 R1/4 34,5 40,0 45,5 18,0 10,0 16,5 9,5 15 C0TAO0428 6 R1/8 31,0 35,0 31,0 14,5 8,0 17,5 12,0 11 C0TAO0618 6 R1/4 35,0 40,0 45,5 18,0 10,0 17,5 12,0 15 C0TAO0628 6 R3/8 38,5 46,5 55,0 21,0 11,0 17,5 12,0 19 C0TAO0638 8 R1/8 33,0 35,0 40,0 15,5 8,0 18,5 14,0 11 C0TAO0818 8 R1/4 37,0 40,0 45,5 19,0 10,0 18,5 14,0 15 C0TAO0828 8 R3/8 40,0 46,5 55,0 21,0 11,0 18,5 14,0 19 C0TAO0838 8 R1/2 46,0 53,0 60,0 25,0 14,0 18,5 14,0 24 C0TAO0848 10 R1/4 39,0 40,0 45,5 20,0 10,0 19,5 16,5 15 C0TAO1028 10 R3/8 42,0 46,5 55,0 22,5 11,0 19,5 16,5 19 C0TAO1038 10 R1/2 47,5 53,0 60,0 25,0 14,0 19,5 16,5 24 C0TAO1048 12 R1/4 41,0 40,0 45,5 22,0 10,0 22,0 19,0 15 C0TAO1228 12 R3/8 46,0 46,5 55,0 23,0 11,0 22,0 19,0 19 C0TAO1238 12 R1/2 50,0 53,0 60,0 27,0 14,0 22,0 19,0 24 C0TAO1248 Control flow, see Page 4 Ø A B C C1 E G G1 Ø K Typ min. max. C G 1 1 2 B C0K51 3 M5 21,5 27,0 30,0 9,5 3,5 11,0 7,5 8 COK510305 4 M5 25,0 27,0 30,0 10,0 3,5 16,5 9,5 15 COK510405 4 G1/8 30,5 35,0 40,0 15,0 6,0 16,5 9,5 8 COK510418 4 G1/4 34,5 40,0 45,5 17,0 8,0 16,5 9,5 12 COK510428 6 M5 28,0 27,0 30,0 11,0 3,5 17,5 12,0 8 COK510605 6 G1/8 31,0 35,0 40,0 15,0 6,0 17,5 12,0 8 COK510618 6 G1/4 35,0 40,0 45,5 17,0 8,0 17,5 12,0 12 COK510628 6 G3/8 38,5 46,5 55,0 21,0 8,0 17,5 12,0 14 COK510638 8 G1/8 33,0 35,0 40,0 14,0 6,0 18,5 14,0 8 COK510818 8 G1/4 37,0 40,0 45,5 16,0 8,0 18,5 14,0 12 COK510828 8 G3/8 40,0 46,5 55,0 21,0 8,0 18,5 14,0 14 COK510838 8 G1/2 46,0 53,0 60,0 22,5 9,0 18,5 14,0 19 COK510848 10 G1/4 39,0 40,0 45,5 18,0 8,0 19,5 16,5 12 COK511028 10 G3/8 42,0 46,5 55,0 19,5 8,0 19,5 16,5 14 COK511038 10 G1/2 47,5 53,0 60,0 22,5 9,0 19,5 16,5 19 COK511048 12 G1/4 41,0 40,0 45,5 20,0 8,0 22,0 19,0 12 COK511228 12 G3/8 46,0 46,5 55,0 19,0 8,0 22,0 19,0 14 COK511238 12 G1/2 50,0 53,0 60,0 21,0 9,0 22,0 19,0 19 COK511248 Control flow, see Page 4 12 12 Banjo Flow Control (out) |