| Moteur de recherche de fiches techniques de composants électroniques |
|
CMP401GSZ-REEL Fiches technique(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
CMP401GSZ-REEL Fiches technique(HTML) 2 Page - Analog Devices |
|
2 / 8 page ![]() REV. B –2– CMP401/CMP402–SPECIFICATIONS ELECTRICAL SPECIFICATIONS Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage 1 VOS TA = 25 °C3 mV VOS 4mV Hysteresis 2mV Input Bias Current IB TA = 25 °C3 µA IB 4 µA Input Offset Current IOS ±3 µA Input Common-Mode Voltage Range VCM 04.0 V Common-Mode Rejection CMRR 0.1 V ≤ V CM ≤ 3.9 V 60 dB Large-Signal Voltage Gain AVO RL = 10 k Ω 10 V/mV Offset Voltage Drift ∆V OS/ ∆T1 µV/°C OUTPUT CHARACTERISTICS Output High Voltage VOH IOH = –3.2 mA 4.6 V Output Low Voltage VOL IOL = 3.2 mA 0.2 V POWER SUPPLY Power Supply Rejection Ratio PSRR V+ANA and V+DIG 2.7 V to 6 V 60 dB Analog Supply Current – CMP401 IANA TA = 25 °C6.5 mA Digital Supply Current – CMP401 IDIG VO = 0 V, RL = ∞, T A = 25 °C2.0 mA Analog Supply Current – CMP401 IANA 8.0 mA Digital Supply Current – CMP401 IDIG VO = 0 V, RL = ∞ 2.25 mA Analog Supply Current – CMP402 IANA TA = 25 °C1.4 mA Digital Supply Current – CMP402 IDIG VO = 0 V, RL = ∞, T A = 25 °C2.0 mA Analog Supply Current – CMP402 IANA 1.75 mA Digital Supply Current – CMP402 IDIG VO = 0 V, RL = ∞ 2.25 mA DYNAMIC PERFORMANCE Propagation Delay – CMP401 tP 100 mV Step with 20 mV OD TA = 25 °C17 23 ns tP 100 mV Step with 5 mV OD TA = 25 °C33 ns tP 100 mV Step with 20 mV OD 30 ns Propagation Delay – CMP402 tP 100 mV Step with 20 mV OD TA = 25 °C54 65 ns tP 100 mV Step with 5 mV OD TA = 25 °C60 ns tP 100 mV Step with 20 mV OD 75 ns ELECTRICAL SPECIFICATIONS Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage 1 VOS 4.5 mV Input Common-Mode Voltage Range VCM 0 2.0 V Input Differential Voltage Range VDIFF ±2.0 V Common-Mode Rejection CMRR 0.1 V ≤ V CM ≤ 1.9 V 60 dB OUTPUT CHARACTERISTICS Output High Voltage VOH IOH = –3.2 mA 2.6 V Output Low Voltage VOL IOL = 3.2 mA 0.25 V POWER SUPPLY Power Supply Rejection Ratio PSRR V+ANA and V+DIG 2.7 V to 6 V 60 dB Analog Supply Current – CMP401 IANA 6mA Digital Supply Current – CMP401 IDIG VO = 0 V, RL = ∞ 1mA Analog Supply Current – CMP402 IANA 1.2 mA Digital Supply Current – CMP402 IDIG VO = 0 V, RL = ∞ 1mA DYNAMIC PERFORMANCE Propagation Delay – CMP401 tP 100 mV Step with 20 mV OD 32 ns Propagation Delay – CMP402 tP 100 mV Step with 20 mV OD 70 ns (@ V+ANA = V+DIG = 5.0 V, VCM = 0.1 V, –40 C ≤ TA ≤ +125 C, unless otherwise noted.) (@ VANA = VDIG = 3.0 V, VCM = 0.1 V, TA = 25 C, unless otherwise noted.) |