| Moteur de recherche de fiches techniques de composants électroniques |
|
1455PBY-10 Fiches technique(PDF) 1 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
1455PBY-10 Fiches technique(HTML) 1 Page - Hammond Manufacturing Ltd. |
|
1 / 6 page ![]() 12/19/2018 Extruded Aluminum Enclosures (1455 Series) - Hammond Mfg. https://www.hammfg.com/electronics/small-case/extruded/1455 1/6 Black Anodized Enclosure Red Anodized Enclosure Blue Anodized Slimline Enclosure Extruded Aluminum Enclosures 1455 Series Anodize Finish, Sliding Belly Plates, Plastic or Metal End Plates Key Features Designed to house P.C. boards or for equipment interfacing. Sized for standard Eurocards. P.C. boards mount horizontally by sliding into internal slots extruded into the enclosure body. Rugged body constructed from extruded aluminum with a minimum thickness of .06” (1.5 mm). Extruded body includes a slide removable “belly” plate - except in smaller sizes “A” through “D” Includes Versions with metal end plates includes two aluminum end panels - finish matched to extruded aluminum body - and two black ABS plastic bezels (your option to install). Versions with plastic end plates includes two all-plastic end caps. Extruded aluminum body - choice of clear, black, blue or red anodized finish Self adhesive rubber feet. Replacements are available - order part number 1421T2CL (pack of 24). All hardware - end panel screws are #6 x 3/8” TTT - thread rolling, steel screws with a #4 flat head phillips drive. Zinc plate finish - either clear or black (black screws are used on the black, blue & red models). For black replacement screws (quantity 100) order part number 1455MS100BK For clear replacement screws (quantity 100) order part number 1455MS100 NOTE: Recommended screw torque is 5 lbf-in Photo Features Quality Products. Service Excellence. |
Numéro de pièce similaire - 1455PBY-10 |
|
Description similaire - 1455PBY-10 |