| Moteur de recherche de fiches techniques de composants électroniques |
|
PML Fiches technique(PDF) 4 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
PML Fiches technique(HTML) 4 Page - Rohm |
|
4 / 7 page ![]() PML series Datasheet ● Tape dimensions (Unit : mm) ■ Paper tape Part No. W F E A0 B0 PML10 8.0±0.3 3.5±0.05 1.75±0.1 1.65 +0.2 -0.1 2.4 +0.2 -0.1 PML18 8.0±0.3 3.5±0.05 1.75±0.1 1.95 +0.1 -0.05 3.5 +0.15 -0.05 Part No. D0 P0 P1 P2 T2 PML10 Φ1.5 +0.1 0 4.0±0.1 4.0±0.1 2.0±0.05 MAX1.1 PML18 Φ1.5 +0.1 0 4.0±0.1 4.0±0.1 2.0±0.05 MAX1.1 ■ Embossed tape (Unit : mm) Part No. W F E A0 B0 PML50 12.0±0.3 5.5±0.05 1.75±0.1 2.9±0.2 5.3±0.2 PML100 12.0±0.3 5.5±0.05 1.75±0.1 3.5±0.2 6.7±0.2 Part No. D0 P0 P1 P2 K PML50 Φ1.5 +0.1 0 4.0±0.1 4.0±0.1 2.0±0.05 MAX1.1 PML100 Φ1.5 +0.1 0 4.0±0.1 4.0±0.1 2.0±0.05 MAX1.1 ● Reel dimensions PML10/18:Using two kinds of reels for taping. PML50/100:Using one type of reel (EIAJ ET-7200B(RRM)). (Unit : mm) Part No. A B C D PML10 Φ180 0 -1.5 Φ60 +1.0 0 9 +1.0 0 Φ13±0.2 PML18 PML50 13 +1.0 0 PML100 www.rohm.com © 2022 ROHMCo., Ltd. All rights reserved. 4/4 2022.01 - Rev.006 |