Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDOCK2U33EB Fiches technique(PDF) 3 Page - StarTech.com Ltd.

No de pièce SDOCK2U33EB
Description  USB 3.0 / eSATA Dual Hard Drive Docking Station with UASP for 2.5/3.5in SATA SSD / HDD – SATA 6 Gbps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STARTECH [StarTech.com Ltd.]
Site Internet  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SDOCK2U33EB Fiches technique(HTML) 3 Page - StarTech.com Ltd.

  SDOCK2U33EB Datasheet HTML 1Page - StarTech.com Ltd. SDOCK2U33EB Datasheet HTML 2Page - StarTech.com Ltd. SDOCK2U33EB Datasheet HTML 3Page - StarTech.com Ltd. SDOCK2U33EB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Warranty
2 Years
Interface
USB 3.0 & eSATA
Number of Drives
2
Drive Size
2.5in & 3.5in
Drive Type
SATA
Drive Installation
Removable
Chipset ID
JMicron - JMS562
Drive Connectors
2 - SATA Data & Power Combo (7+15 pin) Receptacle
Host Connectors
1 - eSATA (7 pin; Data) Female
Host Connectors
1 - USB 3.0 B (9 pin; SuperSpeed) Female
Type and Rate
USB 3.0 - 5 Gbit/s
UASP Support
Yes
Type and Rate
SATA III (6 Gbps)
Max Drive Capacity Currently tested with up to 4TB 7200 RPM 3.5" hard drives per bay (8TB total) and 2TB 5900
RPM 2.5" hard drives (2TB total)
Insertion Rating
15,000 Cycles
OS Compatibility
Windows® 8/8.1 (32/64bit), 7 (32/64bit), Server 2008 (32/64), Vista(32/64), Server 2003
(32/64) XP(32/64), 2000
Apple® Mavericks (10.9) OSX Mountain Lion (10.8), Lion (10.7), Snow Leopard (10.6)
Linux
Google Chrome™ OS
Color
Black
Enclosure Type
Plastic
Product Length
143 mm [5.6 in]
Product Width
132 mm [5.2 in]
Product Height
70 mm [2.8 in]
Product Weight
490 g [17.3 oz]
LED Indicators
1 - Power
LED Indicators
1 - Drive 1 Activity
LED Indicators
1 - Drive 2 Activity
Input Voltage
100 ~ 240 AC
Input Current
1.3 A
Output Voltage
12 DC
Output Current
3000 mA
Operating
Temperature
5°C to 35°C (41°F to 95°F)
Storage
Temperature
-20°C to 50°C (-4°F to 122°F)
Humidity
20%RH~80%RH
Shipping (Package) 1 kg [2.2 lb]



Html Pages

1 2 3 4