| Moteur de recherche de fiches techniques de composants électroniques |
|
51-040.005. Fiches technique(PDF) 41 Page - EAO AG. |
|
|
|||||||||||||||||||||||||||||
51-040.005. Fiches technique(HTML) 41 Page - EAO AG. |
|
41 / 64 page ![]() 51 Marking 39 01.2010 All dimensions in mm 0 0 Lenses for indicators and illuminated pushbuttons, flush mounting Front size (Lens) Film insert max. size Height of letters h Number of lines Number of (target value) capital letters per line Number of (target value) small letters per line Image 24 x 24 (18 x 18) 15.1 x 15.1 2 4 8 - 9 9 B3 33 7 - 8 8 B3 42 4 - 5 5 B3 52 4 4 - 5 B3 61 4 4 B3 8 1 2 - 3 2 - 3 B3 24 x 30 (18 x 24) 15.1 x 21 2 4 12 13 B1 58 - 9 9 B2 3 3 10 - 11 11 - 12 B1 47 - 8 8 B2 42 7 8 B1 34 - 5 5 B2 52 5 - 6 6 B1 44 - 5 B2 61 4 - 5 5 B1 23 3 - 4 B2 8 1 3 - 4 3 - 4 B1 2 - 3 2 - 3 B2 25 dia. (19.7 dia.) Marking plate 2 3 6 6 B4 32 5 6 B4 42 3 4 B4 51 2 3 B4 61 2 3 B4 81 2 2 B4 B1 B2 B4 B3 Engraving Film AB abc abc AB abc AB abc AB |