Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD2933 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce SD2933
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2933 Fiches technique(HTML) 7 Page - STMicroelectronics

  SD2933 Datasheet HTML 1Page - STMicroelectronics SD2933 Datasheet HTML 2Page - STMicroelectronics SD2933 Datasheet HTML 3Page - STMicroelectronics SD2933 Datasheet HTML 4Page - STMicroelectronics SD2933 Datasheet HTML 5Page - STMicroelectronics SD2933 Datasheet HTML 6Page - STMicroelectronics SD2933 Datasheet HTML 7Page - STMicroelectronics SD2933 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
SD2933
M177 (.550 DIA. 4/L N/HERM W/FLG) MECHANICAL DATA
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A
5.72
5.97
0.225
0.235
B
6.73
6.96
0.265
0.275
C
21.84
22.10
0.860
0.870
D
28.70
28.96
1.130
1.140
E
13.84
14.10
0.545
0.555
F
0.08
0.18
0.003
0.007
G
2.49
2.74
0.098
0.108
H
3.81
4.32
0.150
0.170
I
7.11
0.280
J
27.43
28.45
1.080
1.120
K
15.88
16.13
0.625
0.635
1011012D
Controlling Dimension: Inches
DIM.



Html Pages

1 2 3 4 5 6 7 8