| Moteur de recherche de fiches techniques de composants électroniques |
|
8250-R68K-RC Fiches technique(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
8250-R68K-RC Fiches technique(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 3 page ![]() Features ■ Formerly model ■ Current rating up to 3 A ■ Inductance range: 0.1 µH to 100,000 µH ■ Shielded ■ RoHS compliant* Applications ■ Signal processing ■ Telecommunications ■ Dense board designs 8250 Series - Shielded RF Choke Electrical Specifications (@ 25 °C) R C D F R S t s e T Part Inductance Freq. (MHz) (Ω) Idc Isat Number (μH) ±10 % Q Min. (MHz) Min. max. (mA) (mA) 8250-R10K-RC 0.10 50 25 400 0.026 3000 3000 8250-R12K-RC 0.12 50 25 400 0.029 2860 2860 8250-R15K-RC 0.15 50 25 400 0.034 2600 2600 8250-R18K-RC 0.18 50 25 400 0.044 2300 2300 8250-R22K-RC 0.22 50 25 400 0.056 2050 2050 8250-R27K-RC 0.27 50 25 400 0.090 1625 1625 8250-R33K-RC 0.33 47 25 325 0.122 1400 1400 8250-R39K-RC 0.39 47 25 390 0.161 1220 1220 8250-R47K-RC 0.47 47 25 264 0.218 1060 1060 8250-R56K-RC 0.56 45 25 249 0.290 900 900 8250-R68K-RC 0.68 43 25 221 0.382 790 790 8250-R82K-RC 0.82 41 25 200 0.450 725 725 8250-1R0K-RC 1.0 42 25 156 0.054 2080 2080 8250-1R2K-RC 1.2 43 7.9 144 0.070 1840 1840 8250-1R5K-RC 1.5 41 7.9 128 0.096 1560 1560 8250-1R8K-RC 1.8 42 7.9 121 0.107 1480 1480 8250-2R2K-RC 2.2 42 7.9 108 0.142 1290 1290 8250-2R7K-RC 2.7 41 7.9 96 0.284 1130 1130 8250-3R3K-RC 3.3 41 7.9 88 0.260 950 950 8250-3R9K-RC 3.9 41 7.9 84 0.354 815 815 8250-4R7K-RC 4.7 42 7.9 72 0.168 710 710 8250-5R6K-RC 5.6 42 7.9 69 0.511 680 680 8250-6R8K-RC 6.8 42 7.9 62 0.750 560 560 8250-8R2K-RC 8.2 46 7.9 58 0.828 535 535 8250-100K-RC 10 46 7.9 53 1.270 532 532 8250-120K-RC 12 50 2.5 47 1.760 368 368 8250-150K-RC 15 50 2.5 41 2.300 325 325 8250-180K-RC 18 50 2.5 43 0.677 596 235 8250-220K-RC 22 50 2.5 38 0.742 565 220 8250-270K-RC 27 50 2.5 36 0.850 526 200 8250-330K-RC 33 50 2.5 33 0.928 505 190 8250-390K-RC 39 50 2.5 29.4 1.28 429 180 8250-470K-RC 47 55 2.5 26.5 1.48 400 175 8250-560K-RC 56 55 2.5 25 1.64 380 160 8250-680K-RC 68 55 2.5 23 2.20 328 150 8250-820K-RC 82 55 2.5 14 1.96 349 140 8250-101K-RC 100 65 2.5 12 2.28 322 120 8250-121K-RC 120 65 0.79 11.2 2.45 311 95 8250-151K-RC 150 65 0.79 10.5 2.79 294 90 8250-181K-RC 180 65 0.79 10.0 3.08 277 85 8250-221K-RC 220 65 0.79 9.4 3.48 251 80 8250-271K-RC 270 65 0.79 8.0 4.55 231 70 8250-331K-RC 330 65 0.79 7.3 5.10 215 65 8250-391K-RC 390 65 0.79 6.9 5.62 205 60 8250-471K-RC 470 70 0.79 6.5 6.45 192 58 8250-561K-RC 560 70 0.79 6.0 8.00 174 55 8250-681K-RC 680 75 0.79 5.6 8.85 163 50 DIMENSIONS: MM (INCHES) General Specifications Temperature Rise ................ 35 °C at Idc Rated Current ........Inductance drop 5 % t a s I t a l a c i p y t Operating Temperature ................................-55 °C to +105 °C Storage Temperature ................................-55 °C to +105 °C Materials Core Material ................................Ferrite Wire ...........................Enameled copper Terminal Coating.................................Sn Packaging Standard ...................... 500 pcs. per bag Optional ........ 2500 pcs. per 14-inch reel Electrical Schematic Product Dimensions ~ Continued on page 2 ~ 25.4 (1.0) MIN. 0.51 (0.02) 4.17 (0.164) MAX. 11.43 (0.45) MAX. How To Order 8250 - 101K - ___ - RC Model Value Code (see table) Packaging Code Blank = 500 pcs. per bag TR = 2500 pcs. per reel Compliance Code RC = RoHS Compliant Examples: 8250-151K-RC = 150 μH, packaged 500 pcs. per bag 8250-R39K-TR-RC = 0.39 μH, packaged 2500 pcs. per 14-inch reel *RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. WARNING Cancer and Reproductive Harm www.P65Warnings.ca.gov |
Numéro de pièce similaire - 8250-R68K-RC |
|
Description similaire - 8250-R68K-RC |