| Moteur de recherche de fiches techniques de composants électroniques |
|
FC-155-D Fiches technique(PDF) 3 Page - Labfacility Ltd |
|
|
|||||||||||||||||||||||||||||
FC-155-D Fiches technique(HTML) 3 Page - Labfacility Ltd |
|
3 / 3 page ![]() 215.2 Type Thread Size Thread Type Suits Probe Ø Manufacturers Order Code Code St/Steel 1/8" NPT 1.0mm FC-150-D XF-1362-FAR St/Steel 1/8" NPT 1.5mm FC-151-D XF-1361-FAR St/Steel 1/8" NPT 2.0mm FC-148-D XF-1482-FAR St/Steel 1/8" NPT 3.0mm FC-152-D XF-1342-FAR St/Steel 1/8" NPT 4.0mm FC-149-D XF-1379-FAR St/Steel 1/8" NPT 4.5mm FC-154-D XF-1373-FAR St/Steel 1/8" NPT 6.0mm FC-156-D XF-1354-FAR St/Steel 1/8" NPT 1/8" FC-153-D XF-1363-FAR St/Steel 1/8" NPT 3/16" FC-155-D XF-1372-FAR St/Steel 1/8" NPT 1/4" FC-157-D XF-1337-FAR St/Steel 1/4" NPT 1.5mm FC-179-D XF-1371-FAR St/Steel 1/4" NPT 4.0mm FC-186-D XF-1359-FAR St/Steel 1/4" NPT 4.5mm FC-182-D XF-1357-FAR St/Steel 1/4" NPT 6.0mm FC-184-D XF-1358-FAR St/Steel 1/4" NPT 8.0mm FC-185-D XF-1370-FAR St/Steel 1/4" NPT 1/8" FC-181-D XF-1356-FAR St/Steel 1/4" NPT 3/16" FC-183-D XF-1355-FAR St/Steel 1/4" NPT 1/4" FC-187-D XF-1360-FAR St/Steel 1/2" NPT 3.0mm FC-240-D XF-1366-FAR St/Steel 1/2" NPT 4.5mm FC-241-D XF-1367-FAR St/Steel 1/2" NPT 6.0mm FC-242-D XF-1368-FAR St/Steel 1/2" NPT 8.0mm FC-243-D XF-1364-FAR St/Steel 1/2" NPT 1/8" FC-245-D XF-1336-FAR St/Steel 1/2" NPT 3/16" FC-246-D XF-1365-FAR St/Steel 1/2" NPT 1/4" FC-247-D XF-1369-FAR |