| Moteur de recherche de fiches techniques de composants électroniques |
|
FC-142-D Fiches technique(PDF) 2 Page - Labfacility Ltd |
|
|
|||||||||||||||||||||||||||||
FC-142-D Fiches technique(HTML) 2 Page - Labfacility Ltd |
|
2 / 3 page ![]() 215.2 St/Steel 1/2” BSP Parallel 6.0mm FC-201-D 2770782 St/Steel 1/2” BSP Parallel 8.0mm FC-212-D XF-1376-FAR BSPT Tapered: Type Thread Size Thread Type Suits Probe Ø Manufacturers Order code Code St/Steel 1/8” BSPT Tapered 1.0mm FC-130-D XF-1339-FAR St/Steel 1/8” BSPT Tapered 1.5mm FC-131-D 254630 St/Steel 1/8” BSPT Tapered 2.0mm FC-124-D XF-1869-FAR St/Steel 1/8” BSPT Tapered 3.0mm FC-133-D 254642 St/Steel 1/8” BSPT Tapered 4.0mm FC-122-D XF-1481-FAR St/Steel 1/8” BSPT Tapered 6.0mm FC-136-D XF-1384-FAR St/Steel 1/8” BSPT Tapered 1/4" FC-142-D XF-1870-FAR St/Steel 1/8” BSPT Tapered 1/8” FC-134-D XF-1385-FAR St/Steel 1/8” BSPT Tapered 3/16” FC-135-D XF-1378-FAR St/Steel 1/4” BSPT Tapered 1.5mm FC-164-D XF-1484-FAR St/Steel 1/4” BSPT Tapered 3.0mm FC-158-D 1633411 St/Steel 1/4” BSPT Tapered 4.0mm FC-177-D XF-1487-FAR St/Steel 1/4” BSPT Tapered 6.0mm FC-167-D XF-1387-FAR St/Steel 1/4” BSPT Tapered 1/4" FC-165-D XF-1383-FAR St/Steel 1/4” BSPT Tapered 1/8” FC-160-D XF-1338-FAR St/Steel 1/4” BSPT Tapered 3/16” FC-163-D XF-1330-FAR St/Steel 1/2” BSPT Tapered 3.0mm FC-209-D 2770784 St/Steel 1/2” BSPT Tapered 6.0mm FC-200-D 1633414 St/Steel 1/2” BSPT Tapered 8.0mm FC-210-D XF-1331-FAR Type Thread Type Pitch Suits Probe Ø Manufacturers Order Code Code St/Steel M8 1mm 1.0mm FC-250-D XF-1343-FAR St/Steel M8 1mm 1.5mm FC-251-D XF-1347-FAR St/Steel M8 1mm 2.0mm FC-252-D XF-1344-FAR St/Steel M8 1mm 3.0mm FC-174-D XF-1353-FAR St/Steel M8 1mm 4.0mm FC-255-D XF-1490-FAR St/Steel M8 1mm 4.5mm FC-256-D XF-1491-FAR St/Steel M8 1mm 1/8” FC-254-D XF-1489-FAR St/Steel M8 1mm 3/16” FC-257-D XF-1492-FAR St/Steel M16 1.5mm 3.0mm FC-226-D 2770787 St/Steel M16 1.5mm 4.5mm FC-231-D XF-1488-FAR St/Steel M16 1.5mm 6.0mm FC-223-D XF-1329-FAR St/Steel M16 1.5mm 8.0mm FC-225-D XF-1335-FAR St/Steel M20 1.5mm 1.5mm FC-271-D XF-1493-FAR St/Steel M20 1.5mm 3.0mm FC-273-D XF-1348-FAR St/Steel M20 1.5mm 4.5mm FC-276-D XF-1349-FAR St/Steel M20 1.5mm 6.0mm FC-278-D XF-1350-FAR St/Steel M20 1.5mm 8.0mm FC-280-D XF-1494-FAR |