Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FL-252-D Fiches technique(PDF) 2 Page - Labfacility Ltd

No de pièce FL-252-D
Description  Locknuts - Stainless Steel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LABFACILITY [Labfacility Ltd]
Site Internet  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FL-252-D Fiches technique(HTML) 2 Page - Labfacility Ltd

  FL-252-D Datasheet HTML 1Page - Labfacility Ltd FL-252-D Datasheet HTML 2Page - Labfacility Ltd FL-252-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
FITTINGS - 12
Mar-24
Specifications
General Description
Threaded Lock Nut made of stainless steel
Material
Stainless steel
Thread
Available in M8x1, 1/8"BSP, 1/4"BSP & 1/2"BSP Thread Types
Multi Pack - Ordering Information
Thread
Manufacturers
Number
Pack Size
Farnell order Number
M8 x 1mm
FL-253-D
10
1633438
Single - Ordering Information
Thread
Manufacturers Number
Farnell order Number
1/2" BSP
FL-255-D
1633441
M8 x 1mm
FL-253-D
1633438
1/8" BSP
FL-250-D
1633439
1/4" BSP
FL-252-D
1633440



Html Pages

1 2 3