Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADCMP380 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADCMP380
Description  Ultralow Power Voltage Comparator with Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADCMP380 Fiches technique(HTML) 3 Page - Analog Devices

  ADCMP380 Datasheet HTML 1Page - Analog Devices ADCMP380 Datasheet HTML 2Page - Analog Devices ADCMP380 Datasheet HTML 3Page - Analog Devices ADCMP380 Datasheet HTML 4Page - Analog Devices ADCMP380 Datasheet HTML 5Page - Analog Devices ADCMP380 Datasheet HTML 6Page - Analog Devices ADCMP380 Datasheet HTML 7Page - Analog Devices ADCMP380 Datasheet HTML 8Page - Analog Devices ADCMP380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
ADCMP380
Rev. B | Page 3 of 10
SPECIFICATIONS
VCC = 2 V to 5.5 V, VIN < VCC + 0.3 V, TA = −40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING VOLTAGE RANGE
VCC
2
5.5
V
Guarantees valid OUT output
0.9
V
Guarantees OUT low
UNDERVOLTAGE LOCKOUT (UVLO)
Input Voltage Rising
UVLORISE
1.95
V
Input Voltage Falling
UVLOFALL
1.65
V
Hysteresis
UVLOHYS
90
mV
INPUT CURRENT
VCC Quiescent Current
ICC
92
190
nA
OUT high
110
nA
OUT high, TA = 25°C
IN Average Input Current
IVIN
4
8.5
nA
VIN = 2 V, VCC = 5.5 V
4
32
nA
VIN = 2 V, VCC = 2 V
REFERENCE VOLTAGE
VREF
Input falling
ADCMP380-1
0.984
1
1.016
V
VREF = 1 V
ADCMP380-2
0.489
0.5
0.511
V
VREF = 0.5 V
INPUT HYSTERESIS
VHYST
10.3
mV
PROPAGATION DELAY
IN to OUT
tPD
13.5
23
35
μs
IN falling with VREF × 10% overdrive
22
39.5
61
μs
IN rising with VREF × 10% overdrive
IN GLITCH REJECTION
tGR_IN
21
μs
IN falling with VREF × 10% overdrive
38
μs
IN rising with VREF × 10% overdrive
OUT OUTPUT
Output Voltage Low
VOUT_OL
0.4
V
VCC > 4.25 V, ISINK = 6.5 mA
0.4
V
VCC > 2.5 V, ISINK = 6 mA
0.4
V
VCC > 1.2 V, ISINK = 4.6 mA
0.4
V
VCC > 0.9 V, ISINK = 0.9 mA
Leakage Current
5
nA
VOUT = VCC = 5.5 V
EN INPUT
VIL
0.4
V
VIH
0.9
V
EN Glitch Rejection
0.4
μs
EN to OUT Delay
tD_EN
0.65
μs
EN falling
EN Pull-Up Resistance
0.5
0.6
0.82
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10