| Moteur de recherche de fiches techniques de composants électroniques |
|
MCS16 Fiches technique(PDF) 2 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
MCS16 Fiches technique(HTML) 2 Page - Schurter Inc. |
|
2 / 6 page ![]() 2 Metal Line Switches MCS 16 https://www.schurter.com /PG70 Switches Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about Approvals SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF 16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree- ments by SCHURTER. Application standards Application standards where the product can be used Organization Design Standard Description Designed for applications acc. IEC/UL 60950 IEC 60950-1 includes the basic requirements for the safety of information technology equipment. Compliances The product complies with following Guide Lines Identification Details Initiator Description RoHS SCHURTER AG Directive RoHS 2011/65/EU, Amendment (EU) 2015/863 REACH SCHURTER AG On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration, Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as "REACH") entered into force. Dimension [mm] MCS 16 PI ø 18 M16x1 ø 2 ø 1.5 F ø 11.8 B ø 2 ø 20 ø 18 C D ø 1 2.2 3 5.1 7.62 3.81 3.81 SW19 |