| Moteur de recherche de fiches techniques de composants électroniques |
|
AM2 Fiches technique(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
AM2 Fiches technique(HTML) 2 Page - PANDUIT CORP. |
|
2 / 8 page ![]() 2 ELECTRICAL GROUP Selection and Use of Adhesive Mounts TABLE OF CONTENTS Page Page General Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Mount Spacing . . . . . . . . . . . . . . . . . . . . . . . 3 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Application Chart . . . . . . . . . . . . . . . . . . . . . . 7 Markets . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Adhesive Information . . . . . . . . . . . . . . . . . . . 7 General Mount Guidelines. . . . . . . . . . . . . . . . . . . . . . . 2 Proper Installation Techniques . . . . . . . . . . . 8 Product Information . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-6 Proper Storage Conditions . . . . . . . . . . . . . . 8 Surface Preparation. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Mount Removal . . . . . . . . . . . . . . . . . . . . . . . 8 General Introduction PANDUIT adhesive mounts provide a quick, economical and dependable method of supporting, routing and protecting wires or cables. Some are used with PANDUIT cable ties and others used independently. Adhesive backed mounts adhere to a variety of surfaces. This alternative to mechanical fasteners offers the advantage of lower installed cost with safe, easy to use, quality products. Applications • To route wires in control panels and switchboards • To support bundles of wires away from moving mechanical devices • Routing and harnessing cables, both indoors and out, to prevent safety hazards • To organize flat cables in many locations with low profile construction • Ideal for supporting wire bundles where holes cannot be put into the substrate • To separate groups of wires for identification Markets • Original Equipment Manufacturers (OEM) • Construction Industry • Telecommunication Systems • CATV • Aerospace Industry General Mount Guidelines A. PANDUIT pressure sensitive adhesive (foam tape) mounts are intended to secure wire bundles or other light objects to smooth surfaces. These mounts are not designed to support excessive loads and should not be used when the maximum expected load exceeds the rated capacity of the mount. Two types of double-coated polymeric foam adhesive tape are available. Rubber based type, the most widely used and generally recommended; and acrylic based type, the better choice for outdoor and higher temperature applications. • Utilities • Electronic Components • Transportation Industry • Appliance Manufacturers • Maintenance and Repair Operations (MRO) B. Latching wire clips hold wire, cable and tubing and are available in 6 sizes, with a releasable latch. Mounting styles include adhesive backed and bush barb types. C. PANDUIT epoxy adhesive mounts are supplied for use on rough surfaces indoors or outdoors and require mixing a two-part Panduit-supplied epoxy adhesive before application. A B C |