| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0506 Fiches technique(PDF) 4 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0506 Fiches technique(HTML) 4 Page - DFROBOT |
|
4 / 6 page ![]() 2020/6/12 7''_HDMI_Display_with_Capacitive_Touchscreen_SKU__DFR0506-DFRobot https://wiki.dfrobot.com/7''_HDMI_Display_with_Capacitive_Touchscreen_SKU__DFR0506 4/6 without installation 6. Firmware update, Click to download (https://codeload.github.com/DFRobot/DFRobot_RaspberryPi_TouchScreen_Firmware/zip/ma ster), unzip and copy the xxxx.dfu, erase.bin, and upload.py from the windows directory to the "desktop > dfu-util-0.9-win64". 7. Run upload.py (Windows need to install python firstly. Click to download (https://www.python.org/downloads/release/python-2714/). 8. The following interface appears, indicating that the program is being burned. burning.png 9. After the burning is completed, replug the USB device. In Linux 1. Enter dfu mode Short-circuit the boot's two pins, and then connect it to the computer via USB Boot_pin.png 2. Use apt-get for installation of dfu-util Apt-get install dfu-util 3. Use upload.py for firmware upgrade (requires root privileges) 4. Firmware update. Click to download (https://codeload.github.com/DFRobot/DFRobot_RaspberryPi_TouchScreen_Firmware/zip/ma ster). Open the terminal and enter into the newly downloaded firmware directory (DFRobot_RaspberryPi_TouchScreen_Firmware/linux) Use sudo python upload.py to run the program. 5. Replug the USB device. In Mac 1. Enter dfu mode Short-circuit the boot's two pins, and then connect it to the computer via USB Boot_pin.png 2. Open the terminal Open the launcpad |