Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD2900 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce SD2900
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2900 Fiches technique(HTML) 7 Page - STMicroelectronics

  SD2900 Datasheet HTML 1Page - STMicroelectronics SD2900 Datasheet HTML 2Page - STMicroelectronics SD2900 Datasheet HTML 3Page - STMicroelectronics SD2900 Datasheet HTML 4Page - STMicroelectronics SD2900 Datasheet HTML 5Page - STMicroelectronics SD2900 Datasheet HTML 6Page - STMicroelectronics SD2900 Datasheet HTML 7Page - STMicroelectronics SD2900 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.59
5.84
0.220
0.230
B
19.81
20.83
0.780
0.820
C
18.29
18.54
0.720
0.730
D
24.64
24.89
0.970
0.980
E
9.40
9.78
0.370
0.385
F
0.10
0.15
0.004
0.006
G
2.16
2.67
0.085
0.105
H
4.06
4.57
0.160
0.180
I
7.14
0.281
J
6.22
6.48
0.245
0.255
K
3.05
3.30
0.120
0.130
1010936D
M113 (.380 DIA 4/L N/HERM W/FLG) MECHANICAL DATA
Controlling Dimension: Inches
SD2900
7/8



Html Pages

1 2 3 4 5 6 7 8