Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2RMDCL-8T6/B Fiches technique(PDF) 6 Page - YAGEO Corporation

No de pièce 2RMDCL-8T6/B
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RMDCL-8T6/B Fiches technique(HTML) 6 Page - YAGEO Corporation

  2RMDCL-8T6/B Datasheet HTML 1Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 2Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 3Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 4Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 5Page - YAGEO Corporation 2RMDCL-8T6/B Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
6
Product Specification
2R-8x6(T6) series
GAS DISCHARGE TUBS
Circuit Protection
Axial Packing (Tape & Reel)
Tape
Symbol
Dimension (mm)
Spec.
Tolerance
P
10.0
±0.5
W
65.0
±1.0
E
6.0
±0.5
F
26.5
±0.5
d
0.8
±0.1
Reel
A1
330.0
±2.0
B1
70.0
±2.0
C1
82.0
±2.0
D
25.0
±0.5
t
2.0
±0.2
Quantity: 800pcs
SMD Packing (Tape & Reel)
Tape
Symbol
Dimension (mm)
Spec.
Tolerance
W
16.00
±0.20
P0
4.00
±0.10
P1
12.00
±0.20
P2
2.00
±0.10
D0
1.55
±0.05
E
1.75
±0.10
F
7.50
±0.10
A0
8.20
±0.10
K0
8.50
±0.10
B0
7.50
±0.10
t0
0.50
±0.10
Reel
D
330.00
±2.00
d
13.00
±0.50
L
20.00
±2.00
t
2.00
±0.20
Quantity: 500pcs



Html Pages

1 2 3 4 5 6