| Moteur de recherche de fiches techniques de composants électroniques |
|
ICUSB2324 Fiches technique(PDF) 1 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
ICUSB2324 Fiches technique(HTML) 1 Page - StarTech.com Ltd. |
|
1 / 3 page ![]() 4 Port USB to RS232 Serial DB9 Adapter Hub StarTech ID: ICUSB2324 This 4 Port USB to RS232 Serial Hub lets you connect up to four RS232 serial devices to your Mac or PC laptop or desktop computer through a single USB port, as though the computer offered built-on DB9M serial connectors. The RS232 Serial Hub is compactly designed to preserve valuable workspace, and is bus-powered to eliminate the need for an external power adapter. A cost-effective solution that bridges the compatibility gap between modern USB-capable computers and legacy RS232 serial peripherals, this dependable USB/RS232 Serial Adapter hub is backed by StarTech.com's Lifetime Warranty. Applications Connect modems, digitizer tablets, mice, bar code scanners, GPS receivers, ISDN terminal adapters, mobile phones, scanners, UPSes and POS equipment to your system Connect and program LED and Digital signage boards with serial communication ports Features Bus powered, no external power adapter required Easy Plug-and-Play installation Fully compliant with USB 1.1 specifications and compatible with USB 2.0 Provides you with four additional Straight-Through RS232 serial ports www.startech.com/uk 0800 169 0408 |
Numéro de pièce similaire - ICUSB2324 |
|
Description similaire - ICUSB2324 |