| Moteur de recherche de fiches techniques de composants électroniques |
|
ICUSB2322F Fiches technique(PDF) 1 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
ICUSB2322F Fiches technique(HTML) 1 Page - StarTech.com Ltd. |
|
1 / 4 page ![]() 2 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention StarTech ID: ICUSB2322F The ICUSB2322F 2-Port USB to Serial RS232 Adapter Cable with FTDI chipset and COM Retention converts an available USB 1.1 or 2.0 port into 2 RS232 serial DB9 ports to connect, monitor and control your serial devices. This compact adapter features COM retention, allowing the same COM port values to automatically be re- assigned to the port if the cable is disconnected and re-connected to the host computer, or if the system is rebooted. Unlike most USB-serial adapters, this one uses the FTDI chipset, which supports additional customization, advanced features, and compatibility not necessarily offered by other solutions. This USB-serial adapter is compatible with a broad list of Operating Systems, including Windows®, Windows CE, Mac OS and Linux, making this product the perfect solution for integrating into mixed environments. Backed by a StarTech.com 2-year warranty and free lifetime technical support. Applications Perfect for IT Administrators looking to add legacy functionality to newer laptops, PCs and servers that lack an integrated RS232 port Connect, monitor and control industrial/automotive sensors and equipment Connect bar code scanners, receipt printers and other point of sale devices Connect a satellite receiver, RS232 serial modem, or PDU Connect and program LED and Digital signage boards with serial communication ports www.startech.com/uk 0800 169 0408 |
Numéro de pièce similaire - ICUSB2322F |
|
Description similaire - ICUSB2322F |