Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LUW-H9GP-CE Fiches technique(PDF) 14 Page - ams-OSRAM AG

No de pièce LUW-H9GP-CE
Description  OSLON® Black
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-H9GP-CE Fiches technique(HTML) 14 Page - ams-OSRAM AG

Back Button LUW-H9GP-CE Datasheet HTML 10Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 11Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 12Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 13Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 14Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 15Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 16Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 17Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LUW H9GP.CE
DATASHEET
DATASHEET
14 | Version 1.7 | 2023-09-29
Electrical Internal Circuit
Recommended Solder Pad 8)
For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. In case the PCB
layout of the application is intended to be used with other OSLON derivates or in future developed OSLON derivates, the heat
sink must not be electrically connected to anode or cathode solder pad because of possible chip inverted polarity. Package
not suitable for ultra sonic cleaning. To ensure a high solder joint reliability and to minimize the risk of solder joint cracks, the
customer is responsible to evaluate the combination of PCB board and solder paste material for his application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24