Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD57018STR-E Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce PD57018STR-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018STR-E Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button PD57018STR-E Datasheet HTML 16Page - STMicroelectronics PD57018STR-E Datasheet HTML 17Page - STMicroelectronics PD57018STR-E Datasheet HTML 18Page - STMicroelectronics PD57018STR-E Datasheet HTML 19Page - STMicroelectronics PD57018STR-E Datasheet HTML 20Page - STMicroelectronics PD57018STR-E Datasheet HTML 21Page - STMicroelectronics PD57018STR-E Datasheet HTML 22Page - STMicroelectronics PD57018STR-E Datasheet HTML 23Page - STMicroelectronics PD57018STR-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Common source s-parameter
PD57018-E, PD57018S-E
20/28
7.5
PD57018 (VDS = 28V IDS = 0.8A)
Table 12.
S-parameter
Freq (MHz)
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
50
0.868
-112
39.29
111
0.019
24
0.523
-99
100
0.841
-142
20.99
89
0.020
5
0.507
-126
150
0.840
-154
13.61
79
0.020
-6
0.532
-135
200
0.852
-160
10.01
69
0.019
-13
0.573
-140
250
0.860
-164
7.78
62
0.018
-19
0.615
-143
300
0.871
-167
6.62
55
0.016
-25
0.660
-146
350
0.883
-169
5.14
50
0.014
-29
0.699
-149
400
0.892
-171
4.27
43
0.013
-32
0.734
-152
450
0.903
-173
3.64
38
0.012
-36
0.762
-154
500
0.911
-174
3.10
33
0.011
-37
0.791
-156
550
0.921
176
2.69
29
0.009
-36
0.814
-159
600
0.927
-177
2.33
25
0.008
-35
0.832
-161
650
0.931
-179
2.07
22
0.007
-32
0.847
-163
700
0.936
180
1.85
18
0.006
-34
0.864
-165
750
0.939
179
1.66
15
0.004
-26
0.876
-166
800
0.944
177
1.50
12
0.004
-19
0.886
-168
850
0.948
176
1.35
9
0.004
-4
0.896
-169
900
0.947
175
1.23
7
0.003
13
0.899
-171
950
0.946
174
1.13
4
0.004
41
0.909
-172
1000
0.948
173
1.03
1
0.004
37
0.913
-173
1050
0.947
173
0.95
-1
0.005
52
0.919
-174
1100
0.946
171
0.89
-4
0.005
60
0.922
-175
1150
0.945
170
0.83
-5
0.006
63
0.923
-177
1200
0.941
169
0.77
-9
0.007
66
0.933
-178
1250
0.946
168
0.72
-11
0.008
74
0.931
-178
1300
0.945
167
0.67
-13
0.009
71
0.937
180
1350
0.947
166
0.63
-15
0.009
71
0.934
179
1400
0.949
164
0.58
-18
0.010
70
0.934
178
1450
0.950
163
0.55
-20
0.001
73
0.938
177
1500
0.948
162
0.51
-21
0.001
83
0.933
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28