Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD57018TR-E Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce PD57018TR-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018TR-E Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button PD57018TR-E Datasheet HTML 17Page - STMicroelectronics PD57018TR-E Datasheet HTML 18Page - STMicroelectronics PD57018TR-E Datasheet HTML 19Page - STMicroelectronics PD57018TR-E Datasheet HTML 20Page - STMicroelectronics PD57018TR-E Datasheet HTML 21Page - STMicroelectronics PD57018TR-E Datasheet HTML 22Page - STMicroelectronics PD57018TR-E Datasheet HTML 23Page - STMicroelectronics PD57018TR-E Datasheet HTML 24Page - STMicroelectronics PD57018TR-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PD57018-E, PD57018S-E
Common source s-parameter
21/28
7.6
PD57018 (VDS = 28V IDS = 1.2A)
Table 13.
S-parameter
Freq (MHz)
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
50
0.870
-113
38.10
113
0.018
25
0.516
-100
100
0.843
-143
20.76
92
0.019
5
0.500
-126
150
0.843
-154
13.83
79
0.019
-6
0.527
-135
200
0.854
-160
10.14
70
0.018
-13
0.570
-139
250
0.863
-164
7.81
62
0.017
-20
0.612
-143
300
0.874
-167
6.24
55
0.016
-24
0.658
-146
350
0.883
-169
5.09
49
0.014
-28
0.698
-149
400
0.894
-171
4.27
43
0.013
-32
0.733
-151
450
0.904
-173
3.60
98
0.011
-35
0.762
-154
500
0.912
-175
3.08
33
0.010
-35
0.791
-156
550
0.922
-176
2.66
29
0.009
-36
0.812
-159
600
0.928
-178
2.33
25
0.008
-37
0.831
-161
650
0.932
-179
2.05
21
0.007
-32
0.847
-162
700
0.936
180
1.83
18
0.005
-34
0.864
-164
750
0.940
178
1.63
14
0.004
-25
0.875
-166
800
0.945
177
1.48
12
0.004
-11
0.885
-168
850
0.948
176
1.33
9
0.003
-5
0.896
-169
900
0.947
175
1.21
6
0.003
17
0.899
-171
950
0.946
174
1.10
3
0.004
43
0.910
-172
1000
0.950
173
1.02
1
0.004
47
0.913
-173
1050
0.948
172
0.93
-2
0.005
55
0.918
-174
1100
0.946
171
0.88
-4
0.006
59
0.922
-175
1150
0.946
170
0.81
-6
0.006
66
0.922
-177
1200
0.942
169
0.75
-8
0.007
66
0.932
-178
1250
0.945
168
0.71
-11
0.008
70
0.933
-178
1300
0.945
167
0.67
-13
0.008
68
0.937
-180
1350
0.947
166
0.62
-15
0.009
72
0.934
179
1400
0.949
164
0.59
-18
0.010
72
0.935
178
1450
0.950
163
0.55
-19
0.011
73
0.937
177
1500
0.948
162
0.51
-22
0.011
83
0.933
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28