Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBTA42 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce MMBTA42
Description  Small signal NPN transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MMBTA42 Fiches technique(HTML) 5 Page - STMicroelectronics

  MMBTA42_07 Datasheet HTML 1Page - STMicroelectronics MMBTA42_07 Datasheet HTML 2Page - STMicroelectronics MMBTA42_07 Datasheet HTML 3Page - STMicroelectronics MMBTA42_07 Datasheet HTML 4Page - STMicroelectronics MMBTA42_07 Datasheet HTML 5Page - STMicroelectronics MMBTA42_07 Datasheet HTML 6Page - STMicroelectronics MMBTA42_07 Datasheet HTML 7Page - STMicroelectronics MMBTA42_07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MMBTA42
Package mechanical data
5/8
DIM.
mm.
min.
typ
max.
A0.89
1.4
A1
0
0.1
B0.3
0.51
C0.0850.18
D2.75
3.04
e0.851.05
e1
1.7
2.1
E1.2
1.6
H
2.1
2.75
L0.6
S
0.350.65
SOT-23 mechanical data
0053390_G



Html Pages

1 2 3 4 5 6 7 8