Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS-T776 Fiches technique(PDF) 11 Page - ams-OSRAM AG

No de pièce LS-T776
Description  LS T776
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-T776 Fiches technique(HTML) 11 Page - ams-OSRAM AG

Back Button LS-T776 Datasheet HTML 7Page - ams-OSRAM AG LS-T776 Datasheet HTML 8Page - ams-OSRAM AG LS-T776 Datasheet HTML 9Page - ams-OSRAM AG LS-T776 Datasheet HTML 10Page - ams-OSRAM AG LS-T776 Datasheet HTML 11Page - ams-OSRAM AG LS-T776 Datasheet HTML 12Page - ams-OSRAM AG LS-T776 Datasheet HTML 13Page - ams-OSRAM AG LS-T776 Datasheet HTML 14Page - ams-OSRAM AG LS-T776 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LS T776
11 Version 1.2 | 2019-07-15
Recommended Solder Pad 9)
OHLPY977
1.2 (0.047)
6 (0.236)
heat dissipation
Cu-area > 16 mm
Cu-Fläche > 16 mm
2
for improved
Wärmeableitung
für verbesserte
Padgeometrie
Paddesign
2
Solder resist
Lötstopplack
6 (0.236)
1.2 (0.047)
Hole on PCB
2.8 (0.110)
2.4 (0.094)
For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. Package not
suitable for ultra sonic cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22