Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS-P476 Fiches technique(PDF) 20 Page - ams-OSRAM AG

No de pièce LS-P476
Description  PointLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-P476 Fiches technique(HTML) 20 Page - ams-OSRAM AG

Back Button LS-P476 Datasheet HTML 15Page - ams-OSRAM AG LS-P476 Datasheet HTML 16Page - ams-OSRAM AG LS-P476 Datasheet HTML 17Page - ams-OSRAM AG LS-P476 Datasheet HTML 18Page - ams-OSRAM AG LS-P476 Datasheet HTML 19Page - ams-OSRAM AG LS-P476 Datasheet HTML 20Page - ams-OSRAM AG LS-P476 Datasheet HTML 21Page - ams-OSRAM AG LS-P476 Datasheet HTML 22Page - ams-OSRAM AG LS-P476 Datasheet HTML 23Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
LS P476
20 Version 1.2 | 2019-07-15
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on the OSRAM OS website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
OSRAM OS components are not developed, constructed or tested for the application as safety relevant
component or for the application in medical devices.
OSRAM OS products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using OSRAM OS components in product safety
devices/applications or medical devices/applications, buyer and/or customer has to inform the local sales
partner of OSRAM OS immediately and OSRAM OS and buyer and /or customer will analyze and coordi-
nate the customer-specific request between OSRAM OS and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23