| Moteur de recherche de fiches techniques de composants électroniques |
|
VBWFD1 Fiches technique(PDF) 2 Page - Midas Components |
|
|
|||||||||||||||||||||||||||||
VBWFD1 Fiches technique(HTML) 2 Page - Midas Components |
|
2 / 4 page ![]() Mechanical Specifications Module Size 93.00 x 70.00 x 13.00 ( With Backlight) W x H x D mm Viewing Area 72.00 x 40.00 W x H mm Hole-to-Hole 88.00 x 64.00 W x H mm Dot Size 0.48 x 0.48 W x H mm Dot Pitch 0.04 x 0.04 W x H mm MC128064A6W-BNMLW-V2 128 x 64 LCD Module Specification Version: 1 Date: 31/10/2016 Revision Page 2 of 4 |