Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95040-RMN3P Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce M95040-RMN3P
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMN3P Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button M95040-RMN3P Datasheet HTML 2Page - STMicroelectronics M95040-RMN3P Datasheet HTML 3Page - STMicroelectronics M95040-RMN3P Datasheet HTML 4Page - STMicroelectronics M95040-RMN3P Datasheet HTML 5Page - STMicroelectronics M95040-RMN3P Datasheet HTML 6Page - STMicroelectronics M95040-RMN3P Datasheet HTML 7Page - STMicroelectronics M95040-RMN3P Datasheet HTML 8Page - STMicroelectronics M95040-RMN3P Datasheet HTML 9Page - STMicroelectronics M95040-RMN3P Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
M95040, M95020, M95010
6/37
SIGNAL DESCRIPTION
During all operations, VCC must be held stable and
within the specified valid range: VCC(min) to
VCC(max).
All of the input and output signals can be held High
or Low (according to voltages of VIH, VOH, VIL or
VOL, as specified in Table 13. to Table 17.). These
signals are described next.
Serial Data Output (Q). This
output
signal is
used to transfer data serially out of the device.
Data is shifted out on the falling edge of Serial
Clock (C).
Serial Data Input (D). This input signal is used to
transfer data serially into the device. It receives in-
structions, addresses, and the data to be written.
Values are latched on the rising edge of Serial
Clock (C).
Serial Clock (C). This input signal provides the
timing of the serial interface. Instructions, address-
es, or data present at Serial Data Input (D) are
latched on the rising edge of Serial Clock (C). Data
on Serial Data Output (Q) changes after the falling
edge of Serial Clock (C).
Chip Select (S). When this input signal is High,
the device is deselected and Serial Data Output
(Q) is at high impedance. Unless an internal Write
cycle is in progress, the device will be in the Stand-
by Power mode. Driving Chip Select (S) Low se-
lects the device, placing it in the Active Power
mode.
After Power-up, a falling edge on Chip Select (S)
is required prior to the start of any instruction.
Hold (HOLD). The Hold (HOLD) signal is used to
pause any serial communications with the device
without deselecting the device.
During the Hold condition, the Serial Data Output
(Q) is high impedance, and Serial Data Input (D)
and Serial Clock (C) are Don’t Care.
To start the Hold condition, the device must be se-
lected, with Chip Select (S) driven Low.
Write Protect (W). This input signal is used to
control whether the memory is write protected.
When Write Protect (W) is held Low, writes to the
memory are disabled, but other operations remain
enabled. Write Protect (W) must either be driven
High or Low, but must not be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37