Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS-M67F-01 Fiches technique(PDF) 13 Page - ams-OSRAM AG

No de pièce LS-M67F-01
Description  Mini TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-M67F-01 Fiches technique(HTML) 13 Page - ams-OSRAM AG

Back Button LS-M67F-01 Datasheet HTML 9Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 10Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 11Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 12Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 13Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 14Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 15Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 16Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LS M67F.01
DATASHEET
DATASHEET
13 | Version 1.1 | 2023-06-22
Recommended Solder Pad 8)
OHLPY978
Paddesign
for improved
heat dissipation
Cu-area > 16 mm
Cu-Fläche > 16 mm
Wärmeableitung
Padgeometrie
für verbesserte
Lötstopplack
Solder resist
0.8 (0.031)
2.8 (0.110)
2
2
2.8 (0.110)
0.8 (0.031)
All products are packed in a dry pack bag (Moisture Barrier Bag, MBB) according MIL-PRF-81705, after opening the MBB the
products should go to reflow soldering process. Unused remaining LEDs should be protected from environment due to silver
plated soldering terminal. In order to maintain solderability it is recommended to protect the silver plated solder terminals from
corrosive environment before soldering. For superior solder joint connectivity results we recommend soldering under standard
nitrogen atmosphere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22