Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XM33C321ASPZR Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Fiches technique(HTML) 21 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 17Page - Texas Instruments XM33C321ASPZR Datasheet HTML 18Page - Texas Instruments XM33C321ASPZR Datasheet HTML 19Page - Texas Instruments XM33C321ASPZR Datasheet HTML 20Page - Texas Instruments XM33C321ASPZR Datasheet HTML 21Page - Texas Instruments XM33C321ASPZR Datasheet HTML 22Page - Texas Instruments XM33C321ASPZR Datasheet HTML 23Page - Texas Instruments XM33C321ASPZR Datasheet HTML 24Page - Texas Instruments XM33C321ASPZR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
Table 6-2. Pin Attributes (PFA, PZ, PN, PM, RGZ, ZAW, YSG Packages) (continued)
PFA
PIN
PZ
PIN
PN
PIN
PM
PIN
RGZ
PIN
ZAW
PIN
YSG
PIN
PIN NAME/
IOMUX REG/
IOMUX ADDR
SIGNAL
NAME
IOMUX
NAME
SIGNAL
TYPE
BUFFER
TYPE
41
41
31
59
21
F8
R5
PB7
PINCM24
0x400cc05c
PB7
1
IO
HSIO
(high-
speed)
TIMG4_2_C1
2
IO
TIMG8_1_C0
3
IO
TIMA0_1_C0N
4
O
I2S1_AD1
5
IO
UC1_1_SCL_RX
6
IOD
UC12_RTS
7
IO
UC13_0_POCI_RT
S
8
IO
CANFD1_CANTX
9
O
42
42
32
60
22
F9
P4
PB8
PINCM25
0x400cc060
PB8
1
IO
SDIO
(standard)
TIMG8_1_IDX
2
I
COMP1_OUT
3
O
TIMA0_1_FAL1
4
I
I2S1_WCLK
5
IO
UC1_1_CTS
6
IO
UC13_0_SCLK_S
CL_RX
7
IOD
UC13_0_PICO_S
DA_TX
8
IOD
43
43
33
61
23
G7
V4
PB9
PINCM26
0x400cc064
PB9
1
IO
HSIO
(high-
speed)
TIMG8_1_C1
2
IO
TIMA0_0_C0N
3
O
I2S1_BCLK
4
IO
UC1_1_RTS
5
IO
UC13_0_PICO_S
DA_TX
6
IOD
UC13_0_SCLK_S
CL_RX
7
IOD
44
44
34
62
F10
T4
PB10
PINCM27
0x400cc068
PB10
1
IO
SDIO
(standard)
TIMG4_2_C0
2
IO
TIMG4_0_C0
3
IO
I2S1_MCLK
4
IO
UC13_2_PICO_S
DA_TX
5
IOD
TIMA0_1_C1
6
IO
I2S0_WCLK
8
IO
45
45
35
63
G9
R3
PB11
PINCM28
0x400cc06c
PB11
1
IO
SDIO
(standard)
TIMG4_2_C1
2
IO
CLK_OUT
3
O
TIMG4_0_C1
4
IO
UC13_2_SCLK_S
CL_RX
5
IOD
TIMA0_1_C1N
6
O
I2S0_BCLK
8
IO
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More