| Moteur de recherche de fiches techniques de composants électroniques |
|
CC1404P Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1404P Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 44 page ![]() – Field transmitter & sensor : Flow transmitter, Position sensor, Level transmitter, Pressure transmitter, Temperature transmitter, • Medical & healthcare – Hospital patient care : Electrocardiogram (ECG), Electronic bed & chair, Multiparameter patient monitor • Robotics : – Home service robot : Robotic lawn mower, Vacuum robot – Humanoid robot : Humanoid robot position sensor, Humanoid robot sensor module 3 Description The SimpleLink™ CC1404P is a high-performance Sub-1GHz wireless transceiver supporting SUN FSK and SUN O-QPSK based on IEEE 802.15.4 as well as a wide variety of proprietary physical layers. The flexible software-defined radio architecture enables easy integration into legacy wireless systems. CC1404P is targeting Wi-SUN, 6LoWPAN and proprietary systems. The highlighted features of this device include: • Flexible Sub-1GHz radio supporting wide RF frequency coverage • Supports a variety of protocol stacks in the SimpleLink™ software development kit (SDK), including Wi- SUN®, SimpleLink™ 15.4-stack, and proprietary solutions • Maximum transmit power of +22dBm for constant envelope signals like FSK and O-QPSK. • Low power solution enabling battery-operated devices • Dedicated software-defined radio controller providing flexible low-power RF transceiver capability to support multiple physical layers and RF standards • Flexible GPIO manager enabling support for control of external Front-End Modules (FEMs) TI offers drivers within the SimpleLink™ SDK plugin, including a driver for firmware updates. This enables a faster path from design to production. For more information on TI's Sub-1GHz solutions, visit www.ti.com/ connectivity. Device Information PART NUMBER PACKAGE(1) PACKAGE SIZE (NOM) CC1404PT1RKP RKP (VQFN40) 5.0mm × 5.0mm XCC1404PT1RKP RKP (VQFN40) 5.0mm × 5.0mm (1) For more information, see the Mechanical, Packaging, and Orderable addendum. CC1404P SWRS300 – SEPTEMBER 2026 www.ti.com 2 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: CC1404P |