Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7563BPDTR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce TDA7563BPDTR
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563BPDTR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button TDA7563BPDTR Datasheet HTML 18Page - STMicroelectronics TDA7563BPDTR Datasheet HTML 19Page - STMicroelectronics TDA7563BPDTR Datasheet HTML 20Page - STMicroelectronics TDA7563BPDTR Datasheet HTML 21Page - STMicroelectronics TDA7563BPDTR Datasheet HTML 22Page - STMicroelectronics TDA7563BPDTR Datasheet HTML 23Page - STMicroelectronics TDA7563BPDTR Datasheet HTML 24Page - STMicroelectronics TDA7563BPDTR Datasheet HTML 25Page - STMicroelectronics TDA7563BPDTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
I2C Bus
TDA7563B
22/33
7.2.4
Acknowledge
The transmitter* puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse (see Figure 31). The receiver** the acknowledges has to pull-down (LOW) the SDA
line during the acknowledge clock pulse, so that the SDAline is stable LOW during this clock
pulse.
* Transmitter
–master (
μP) when it writes an address to the TDA7563B
–
slave (TDA7563B) when the
μP reads a data byte from TDA7563B
** Receiver
–
slave (TDA7563B) when the
μP writes an address to the TDA7563B
–
master (µP) when it reads a data byte from TDA7563B
Figure 29. Data validity on the I2C Bus
Figure 30. Timing diagram on the I2C Bus
Figure 31. Acknowledge on the I2C Bus
SDA
SCL
DATA LINE
STABLE, DATA
VALID
CHANGE
DATA
ALLOWED
D99AU1031
SCL
SDA
START
I2CBUS
STOP
D99AU1032
SCL
1
MSB
23789
SDA
START
ACKNOWLEDGMENT
FROM RECEIVER
D99AU1033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33