Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA323WQS Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 17Page - STMicroelectronics STA323WQS Datasheet HTML 18Page - STMicroelectronics STA323WQS Datasheet HTML 19Page - STMicroelectronics STA323WQS Datasheet HTML 20Page - STMicroelectronics STA323WQS Datasheet HTML 21Page - STMicroelectronics STA323WQS Datasheet HTML 22Page - STMicroelectronics STA323WQS Datasheet HTML 23Page - STMicroelectronics STA323WQS Datasheet HTML 24Page - STMicroelectronics STA323WQS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
STA323WQS
Electrical specifications
21/78
Figure 12.
Test circuit 2
4.5
Power supply and control sequencing
Figure 13 shows the recommended power-up and power-down sequencing. The "time zero"
reference point is taken where VCC crosses the under voltage lockout threshold.
Figure 13.
Recommended power up and power down sequence
High Current Dead time for Bridge application = ABS(DTout(A)-DTin(A))+ABS(DTOUT(B)-DTin(B))
+VCC
Rload=4
Ω
Q2
OUTB
DTout(B)
DTin(B)
DTout(A)
C71 470nF
C70
470nF
C69
470nF
Iout=1.5A
Iout=1.5A
Q4
Q1
Q3
M64
INB
M63
D06AU1651
M58
INA
M57
DTin(A)
Duty cycle=A
Duty cycle=B
Duty cycle A and B: Fixed to have DC output current of 4A in the direction shown in figure
L68 10
µ
L67 10
µ
OUTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78