| Moteur de recherche de fiches techniques de composants électroniques |
|
LRTB-R48G Fiches technique(PDF) 26 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
LRTB-R48G Fiches technique(HTML) 26 Page - ams-OSRAM AG |
|
26 / 29 page ![]() 2021-09-30 26 LRTB R48G Kartonverpackung und Materialien Transportation Packing and Materials Single Reel Packing Multi Reel Packing 28 reels per box Dimensions of transportation box in mm Breite / Width Länge / length Höhe / height 352 ±5352 ±533 ±5 Dimensions of transportation box in mm Breite / Width Länge / length Höhe / height 394 ±5394 ±5 468 ±5 OHA02044 OS RA M Packing Sealing label Barcode label M o is tu re L ev e l 3 Fl o o r tim e 16 8 H o u rs Mo is tu re L e ve l 6 F loo r ti m e 6 H o u rs a ) H u mi di ty I n d ic a to r C a rd is > 1 0 % w h e n re a d a t 2 3 ˚C ± 5 ˚C , or re fl o w, v a p o r-ph a s e ref lo w , o r e qu iv a le nt pr o ce s s in g (p e a k p a ck a g e 2 . A ft e r thi s b a g is o p e n e d , d e v ice s t h a t w ill b e su b je c te d to inf ra re d 1 . S h e lf lif e i n s e a le d ba g : 2 4 m on th s a t < 4 0 ˚C a n d < 9 0 % rel a ti v e h u m id it y (R H) . M o is tu re L e v e l 5 a a t fa c to ry co n d iti o n s of (i f b la n k , s e a l d a te i s ide n ti c a l w it h d a te co d e ). a ) M o u n ted w ith in b ) S to red a t b o d y te m p . 3 . D ev ice s re q u ir e b a k in g , b ef o re m o u n ti n g , if : B a g s e a l d a te M o is tu re Le ve l 1 Mo is tu re L e ve l 2 M o is tu re L e ve l 2 a 4. If b a king is re q u ire d , b ) 2 a o r 2 b is n o t me t. D a te a nd ti m e op e n ed : ref e ren c e IPC /J ED EC J- S TD -0 33 fo r b a ke pr o c e d u re . F lo o r ti me s e e b e lo w If b la n k , s e e ba r c o d e la b e l Fl oo r tim e > 1 Y e a r F lo o r tim e 1 Ye a r F lo o r time 4 W e e k s 1 0 % R H. _ < M oi s tu re Le v e l 4 M o is tu re L e v e l 5 ˚C ). O PT O S E M IC O N D U CT OR S MO IS TUR E S EN S ITI V E T h is b ag co nta in s CA U T IO N F lo o r ti m e 7 2 H o u rs F lo o r ti me 4 8 H o u rs F lo or t ime 2 4 H o u rs 3 0 ˚C /6 0 % RH . _ < LE VE L If b la n k , se e b a r c o d e la b e l Barcode label |