| Moteur de recherche de fiches techniques de composants électroniques |
|
L6228Q Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6228Q Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 32 page ![]() L6228Q Thermal management 27/32 7 Thermal management In most applications the power dissipation in the IC is the main factor that sets the maximum current that can be delivered by the device in a safe operating condition. Therefore, it has to be taken into account very carefully. Besides the available space on the PCB, the right package should be chosen considering the power dissipation. Heat sinking can be achieved using copper on the PCB with proper area and thickness. For instance, using a VFQFPN32L 5x5 package the typical Rth(j-amb) is about 32 °C/W. |