Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AWC86AS Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce AWC86AS
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86AS Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AWC86AS Datasheet HTML 3Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 4Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 5Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 6Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 7Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 8Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 9Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 10Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Advanced Web Communication
(7)
Slim-Link® Server
Pin
Signal
Model
Description
Slim-Link® Server Pin Descriptions (continued)
34
AIN6
AWC86A
AIN6 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital Convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the AMD186 controller.
35
DIN7
AWC86
The AWC86 buffers this digital data input and passes it to the AMD186 Address
and Data Bus bit 7. The buffer for this input is controlled by Programmable
Input/Output 2 from the AMD186 controller.
AIN7
AWC86A
AIN7 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital Convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the AMD186 controller.
36
DIO22
AWC86
This pin provides access to Programmable Input/Output 29 from the AMD186
controller.
ADCIN
AWC86A
ADCIN provides the input to the Analog to Digital Convertor. This input is
normally tied to the MUXOUT line.
37
DIO23
AWC86
This pin provides access to Programmable Input/Output 26 from the AMD186
controller.
MUXOUT
AWC86A
MUXOUT is the output of the eight to one multiplexor which serves the eight
Analog Input lines on the AWC86A. This output is normally tied to ADCIN.
38
DIO24
AWC86
This pin provides access to Programmable Input/Output 15 from the AMD186
controller.
DA0
AWC86A
This pin provides one of the two analog outputs (VoutA) from the Digital to
Analog Convertor Output integrated into the AWC86A. The digital data is
supplied by Programmable Input/Output 26 from the AMD186 controller.
39
DIO25
AWC86
This pin provides access to Programmable Input/Output 3 from the AMD186
controller.
DA1
AWC86A
This pin provides one of the two analog outputs (VoutB) from the Digital to
Analog Convertor Output integrated into the AWC86A. The digital data is
supplied by Programmable Input/Output 26 from the AMD186 controller
40
DIO10
ALL
This pin provides access to Programmable Input/Output 17 from the AMD186
controller.
41
DIO11
ALL
This pin provides access to Programmable Input/Output 16 from the AMD186
controller.
42
DIO12
ALL
This pin provides access to Programmable Input/Output 14 from the AMD186
controller.
43
DIO13(INT6)
ALL
This pin provides access to Programmable Input/Output 13 from the AMD186
controller. It also provides the input for Interrupt Request 6 to the Slim-Link®
Server.
44
DIO14(INT5)
ALL
This pin provides access to Programmable Input/Output 12 from the AMD186
controller. It also provides the input for Interrupt Request 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19